Part Number Hot Search : 
44025 ST121032 PS1003 LT3465A 88523 CJD122 28128 1A71B
Product Description
Full Text Search
 

To Download WF512K32-120G4TQ5A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 white electronic designs corporation ? (602) 437-1520  www.whiteedc.com   white electronic designs march 2002 rev. 6   access times of 60, 70, 90, 120, 150ns  packaging   66 pin, pga type, 1.075" square, hermetic ceramic hip (package 400).   68 lead, 40mm, low profile 3.5mm (0.140"), cqfp (package 502) 1   68 lead, 23.9mm (0.940") low profile cqfp (g1u) 3.5mm (0.140") high, (package 519)   68 lead, 22.4mm (0.880") low profile cqfp (g2u) 3.5mm (0.140") high, (package 510) 1  100,000 erase/program cycles minimum  sector architecture  8 equal size sectors of 64kbytes each  any combination of sectors can be concurrently erased. also supports full chip erase      i/o0-31 data inputs/outputs a0-18 address inputs we1-4 write enables cs1-4 chip selects oe output enable vcc power supply gnd ground nc not connected 
     f ig . 1        

  

      512k x 8 8 i/o 0-7 we cs 1 1 512k x 8 8 i/o 8-15 we cs 2 2 512k x 8 8 i/o 16-23 we cs 3 3 512k x 8 8 i/o 24-31 we cs 4 4 a 0 - 18 oe  organized as 512kx32  commercial, industrial and military temperature ranges  5 volt programming. 5v 10% supply.  low power cmos, 6.5ma standby  embedded erase and program algorithms  ttl compatible inputs and cmos outputs  built-in decoupling caps for low noise operation  page program operation and internal program control time  weight  wf512k32n - xh1x5 - 13 grams typical  wf512k32 - xg4tx5 1 - 20 grams typical  wf512k32 - xg1ux5 - 5 grams typical  wf512k32 - xg2ux5 1 - 8 grams typical note 1: package not recommended for new design note 2: see flash programming application note 4m5 for algorithms.
white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs 2      f ig . 2        

  i/o0-31 data inputs/outputs a0-18 address inputs we write enable cs1-4 chip selects oe output enable vcc power supply gnd ground nc not connected 
         f ig . 3        


   


           i/o0-31 data inputs/outputs a0-18 address inputs we1-4 write enables cs1-4 chip selects oe output enable vcc power supply gnd ground 
     10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 i/o 0 i/o 1 i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 gnd i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 15 v cc a 11 a 12 a 13 a 14 a 15 a 16 cs 2 oe cs 4 a 17 a 18 nc nc nc nc nc i/o 16 i/o 17 i/o 18 i/o 19 i/o 20 i/o 21 i/o 22 i/o 23 gnd i/o 24 i/o 25 i/o 26 i/o 27 i/o 28 i/o 29 i/o 30 i/o 31 nc a 0 a 1 a 2 a 3 a 4 a 5 cs 1 gnd cs 3 we a 6 a 7 a 8 a 9 a 10 v cc 512k x 8 8 i/o 0-7 cs 1 512k x 8 8 i/o 8-15 cs 2 512k x 8 8 i/o 16-23 cs 3 512k x 8 8 i/o 24-31 cs 4 a 0-18 oe we 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 i/o 0 i/o 1 i/o 2 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 gnd i/o 8 i/o 9 i/o 10 i/o 11 i/o 12 i/o 13 i/o 14 i/o 15 v cc a 11 a 12 a 13 a 14 a 15 a 16 cs 1 oe cs 2 a 17 we 2 we 3 we 4 a 18 nc nc i/o 16 i/o 17 i/o 18 i/o 19 i/o 20 i/o 21 i/o 22 i/o 23 gnd i/o 24 i/o 25 i/o 26 i/o 27 i/o 28 i/o 29 i/o 30 i/o 31 nc a 0 a 1 a 2 a 3 a 4 a 5 cs 3 gnd cs 4 we 1 a 6 a 7 a 8 a 9 a 10 v cc 512k x 8 8 i/o 0-7 cs 1 512k x 8 8 i/o 8-15 cs 2 512k x 8 8 i/o 16-23 cs 3 512k x 8 8 i/o 24-31 cs 4 a 0-18 oe we 3 we 2 we 1 we 4 note 1: package not recommended for new design
3 white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs        input leakage current i li v cc = 5.5, v in = gnd or v cc 10 a output leakage current i lox32 v cc = 5.5, v in = gnd or v cc 10 a v cc active current for read (1) i cc1 cs = v il , oe = v ih , f = 5mhz 190 ma v cc active current for program or erase (2) i cc2 cs = v il , oe = v ih 240 ma v cc standby current i cc4 v cc = 5.5, cs = v ih , f = 5mhz 6.5 ma v cc static current i cc3 v cc = 5.5, cs = v ih 0.6 ma output low voltage v o l i ol = 8.0 ma, v cc = 4.5 0.45 v output high voltage v oh1 i oh = 2.5 ma, v cc = 4.5 0.85 x v cc v low v cc lock-out voltage v lko 3.2 4.2 v  
        notes: 1. stresses above the absolute maximum rating may cause permanent damage to the device. extended operation at the maximum levels may degrade performance and affect reliability. 2. minimum dc voltage on input or i/o pins is -0.5v. during voltage transitions, inputs may overshoot vss to -2.0 v for periods of up to 20ns. maximum dc voltage on output and i/o pins is vcc + 0.5v. during voltage transitions, outputs may overshoot to vcc + 2.0 v for periods of up to 20ns. 3. minimum dc input voltage on a9 pin is -0.5v. during voltage transitions, a9 may overshoot vss to -2v for periods of up to 20ns. maximum dc input voltage on a9 is +13.5v which may overshoot to 14.0 v for periods up to 20ns.       
 (v cc = 5.0v, v ss = 0v, t a = -55c to +125c)   operating temperature -55 to +125 c supply voltage range (v cc ) -2.0 to +7.0 v signal voltage range (any pin except a9) (2) -2.0 to +7.0 v storage temperature range -65 to +150 c lead temperature (soldering, 10 seconds) +300 c data retention (mil temp) 20 years endurance - write/erase cycl es (mil temp) 100,000 cycles min. a9 voltage for sector protect (v id ) (3) -2.0 to +14.0 v dc test conditions: vil = 0.3v, vih = vcc - 0.3v notes: 1. the icc current listed includes both the dc operating current and the frequency dependent component (at 5 mhz). the frequenc y component typically is less than2 ma/mhz, with oe at vih. 2. icc active while embedded algorithm (program or erase) is in progress.                supply voltage v cc 4.5 5.5 v input high voltage v ih 2.0 v cc + 0.5 v input low voltage v il -0.5 +0.8 v operating temp. (mil.) t a -55 +125 c operating temp. (ind.) t a -40 +85 c a 9 voltage for sector protect v id 11.5 12.5 v        (ta = +25c)       oe capacitance coe vin = 0 v, f = 1.0 mhz 32 pf cqfp g4 capacitance cwe vin = 0 v, f = 1.0 mhz 32 pf cs1-4 capacitance ccs vin = 0 v, f = 1.0 mhz 15 pf data i/o capacitance ci/o vi/o = 0 v, f = 1.0 mhz 15 pf address input capacitance cad vin = 0 v, f = 1.0 mhz 32 pf this parameter is guaranteed by design but not tested.     (ta = +25c)       oe capacitance c oe v in = 0 v, f = 1.0 mhz 50 pf we 1-4 capacitance c we v in = 0 v, f = 1.0 mhz pf hip (pga) 20 cqfp g4t 50 cqfp g2u/g1u 15 cs 1-4 capacitance c cs v in = 0 v, f = 1.0 mhz 20 pf data i/o capacitance c i/o v i/o = 0 v, f = 1.0 mhz 20 pf address input capacitance c ad v in = 0 v, f = 1.0 mhz 50 pf this parameter is guaranteed by design but not tested.
white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs 4   
        (v cc = 5.0v, v ss = 0v, t a = -55c to +125c)            notes: vz is programmable from -2v to +7v. iol & ioh programmable from 0 to 16ma. tester impedance z0 = 75  . vz is typically the midpoint of voh and vol. iol & ioh are adjusted to simulate a typical resistive load circuit. ate tester includes jig capacitance.     input pulse levels v il = 0, v ih = 3.0 v input rise and fall 5 ns input and output reference level 1.5 v output timing reference level 1.5 v    ! "! #! $%! $&!                 write cycle time t avav t wc 60 70 90 120 150 ns write enable setup time t wlel t ws 00000ns chip select pulse width t eleh t cp 40 45 45 50 50 ns address setup time t avel t as 00000ns data setup time t dveh t ds 40 45 45 50 50 ns data hold time t ehdx t dh 00000ns address hold time t elax t ah 40 45 45 50 50 ns chip select pulse width high t ehel t cph 20 20 20 20 20 ns duration of byte programming operation (1) t whwh1 300 300 300 300 300 s sector erase time (2) t whwh2 15 15 15 15 15 sec read recovery time t ghel 00000ns chip programming time 11 11 11 11 11 sec chip erase time (3) 64 64 64 64 64 sec notes: 1. typical value for twhwh1 is 7s. 2. typical value for twhwh2 is 1sec. 3. typical value for chip erase time is 8sec.
5 white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs  ' (     ( !" ( !   (  #"  ))(
$%#$&  '
& wf512k32-xxx5 wf512k32-xxx5  ' (    (
 )*  (  $%#$&  '
&     ! "! #!  $%! $&!                 read cycle time t avav t rc 60 70 90 120 150 ns address access time t avqv t acc 60 70 90 120 150 ns chip select access time t elqv t ce 60 70 90 120 150 ns output enable to output valid t glqv t oe 30 35 35 50 55 ns chip select to output high z (1) t ehqz t df 20 20 20 30 35 ns output enable high to output high z (1) t ghqz t df 20 20 20 30 35 ns output hold from address, cs or oe change, t axqx t oh 000 00ns whichever is first    ! "! #! $%! $&!                 write cycle time t avav t wc 60 70 90 120 150 ns chip select setup time t elwl t cs 00000ns write enable pulse width t wlwh t wp 40 45 45 50 50 ns address setup time t avwh t as 00000ns data setup time t dvwh t ds 40 45 45 50 50 ns data hold time t whdx t dh 00000ns address hold time t whax t ah 40 45 45 50 50 ns write enable pulse width high t whwl t wph 20 20 20 20 20 ns duration of byte programming operation (1) t whwh1 300 300 300 300 300 s sector erase time (2) t whwh2 15 15 15 15 15 sec read recovery time before write t ghwl 00000ns v cc set-up time t vcs 50 50 50 50 50 s chip programming time 11 11 11 11 11 sec output enable setup time t oes 00000ns output enable hold time (4) t oeh 10 10 10 10 10 ns chip erase time (3) 64 64 64 64 64 sec notes: 1. typical value for twhwh1 is 7s. 2. typical value for twhwh2 is 1sec. 3. typical value for chip erase time is 8sec. 4. for toggle and data polling. 1. guaranteed by design, but not tested
white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs 6 ( +(    (
 ( 
7 white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs notes: 1. pa is the address of the memory location to be programmed. 2. pd is the data to be programmed at byte address. 3. d7 is the output of the complement of the data written to the device (for each chip). 4. dout is the output of the data written to the device. 5. figure indicates last two bus cycles of four bus cycle sequence.   )  ( !" ( !   (  #"  ))(

white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs 8   + +(  ' ! (  " (  (  note: 1. sa is the sector address for sector erase. a ddresses cs oe we data v cc 5555h 2aaah 2aaah sa 5555h 5555h t wp t cs t vcs 10h/30h 55h 80h 55h aah aah t ah t as t ghwl t wph t dh t ds
9 white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs   * +(       ))   " ,(
(
 ) '  (  cs oe we t oe t ce t ch t oh d7 d7 = valid data high z d0-d6 = invalid d0-d7 valid data t df d7 d0-d6 t oeh t whwh 1 or 2 t oe data
white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs 10   , ) ( (   ))(
   (    notes: 1. pa represents the address of the memory location to be programmed. 2. pd represents the data to be programmed at byte address. 3. d7 is the output of the complement of the data written to the device (for each chip). 4. dout is the output of the data written to the device. 5. figure indicates the last two bus cycles of a four bus cycle sequence.
11 white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs  -( %%-))  # * ( # (  (. (   (  -( #    all linear dimensions are millimeters and parenthetically in inches
white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs 12  -(  %-)* (
# (  
 )  - #
  all linear dimensions are millimeters and parenthetically in inches 0.940" the white 68 lead g2u cqfp fills the same fit and function as the jedec 68 lead cqfj or 68 plcc. but the g2u has the tce and lead inspection advantage of the cqfp form. note 1: package not recommended for new design
13 white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs  -(  ,-)* (
# (  
 )  - # /  )(   all linear dimensions are millimeters and parenthetically in inches the white 68 lead g1u cqfp fills the same fit and function as the jedec 68 lead cqfj or 68 plcc. but the g1u has the tce and lead inspection advantage of the cqfp form. all linear dimensions are millimeters and parenthetically in inches  -( %
-)* (
# (  
 )  - # /  )(   0.38 (0.015) 0.08 (0.003) 68 places 1.27 (0.050) typ 5.1 (0.200) ma x 39.6 (1.56) 0.38 (0.015) sq 38 (1.50) typ 4 places 5.1 (0.200) 0.25 (0.010) 4 places 12.7 (0.500) 0.5 (0.020) 4 places 0.25 (0.010) 0.05 (0.002) 1.27 (0.050) 0.1 (0.005) pin 1 identifier pin 1 note 1: package not recommended for new design
white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs 14  
( (   )(
'0 blank = gold plated leads a = solder dip leads +   +) ( 5 = 5 v
(+(
(0 q = mil-std-883 compliant m = military screened -55c to +125c i = industrial -40c to +85c c = commercial 0c to +70c -( * (0 h1 = 1.075" sq. ceramic hex in line package, hip (package 400*) g2u 1 = 22.4mm ceramic quad flat pack, low profile cqfp (package 510) g4t 1 = 40mm low profile cqfp (package 502) g1u = 23.9mm ceramic quad flat pack, low profile cqfp (package 519) ( (12  +(( - n = no connect at pins 21 and 39 in hip for upgrade 3 4 &$%-5% user configurable as 1m x 16 or 2m x 8 )' /' (()( 
( 6    note 1: package not recommended for new design
15 white electronic designs corporation  (602) 437-1520  www.whiteedc.com   white electronic designs  
  
 512k x 32 flash module 150ns 66 pin hip (h1) 1.075" sq. 5962-94612 01h4x 512k x 32 flash module 120ns 66 pin hip (h1) 1.075" sq. 5962-94612 02h4x 512k x 32 flash module 90ns 66 pin hip (h1) 1.075" sq. 5962-94612 03h4x 512k x 32 flash module 70ns 66 pin hip (h1) 1.075" sq. 5962-94612 04h4x 512k x 32 flash module 60ns 66 pin hip (h1) 1.075" sq. 5962-94612 05h4x 512k x 32 flash module 150ns 68 lead cqfp low profile (g4t) 5962-94612 01htx 512k x 32 flash module 120ns 68 lead cqfp low profile (g4t) 5962-94612 02htx 512k x 32 flash module 90ns 68 lead cqfp low profile (g4t) 5962-94612 03htx 512k x 32 flash module 70ns 68 lead cqfp low profile (g4t) 5962-94612 04htx 512k x 32 flash module 60ns 68 lead cqfp low profile (g4t) 5962-94612 05htx 512k x 32 flash module 150ns 68 lead cqfp/j (g2u) 5962-94612 01hzx 512k x 32 flash module 120ns 68 lead cqfp/j (g2u) 5962-94612 02hzx 512k x 32 flash module 90ns 68 lead cqfp/j (g2u) 5962-94612 03hzx 512k x 32 flash module 70ns 68 lead cqfp/j (g2u) 5962-94612 04hzx 512k x 32 flash module 60ns 68 lead cqfp/j (g2u) 5962-94612 05hzx 512k x 32 flash module 150ns 68 lead cqfp (g1u) 5962-94612 01h9x 512k x 32 flash module 120ns 68 lead cqfp (g1u) 5962-94612 02h9x 512k x 32 flash module 90ns 68 lead cqfp (g1u) 5962-94612 03h9x 512k x 32 flash module 70ns 68 lead cqfp (g1u) 5962-94612 04h9x 512k x 32 flash module 60ns 68 lead cqfp (g1u) 5962-94612 05h9x


▲Up To Search▲   

 
Price & Availability of WF512K32-120G4TQ5A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X